PART |
Description |
Maker |
B5213 B5213-3 B5213-28 |
100mA, Cap, Low Dropout Voltage Regulator Smallest SC70 3V 100mA low dropout voltage regulator 28V 100mA low dropout voltage regulator
|
BayLinear
|
MIC5253 MIC5253-1.85BC5 MIC5253-1.8BC5 MIC5253-2.6 |
100mA Low Noise µCap Teeny LDO 100mA Low Noise UCap Teeny LDO 3 V FIXED POSITIVE LDO REGULATOR, 0.3 V DROPOUT, PDSO5
|
MICREL[Micrel Semiconductor] Micrel Semiconductor,Inc. Micrel Semiconductor, Inc.
|
2N1025 2N2176 2N1475 2N1027 2N1474 2N329B 2N1654 2 |
5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | PNP | 25V V(BR)CEO | 50MA I(C) | TO-5 5-Pin, Multiple-Input, Programmable Reset ICs TRANSISTOR | BJT | PNP | 100V V(BR)CEO | 50MA I(C) | TO-5 68HC11/Bidirectional-Compatible µP Reset Circuit TRANSISTOR | BJT | PNP | 80V V(BR)CEO | 50MA I(C) | TO-5 TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 100MA I(C) | TO-5 TRANSISTOR | BJT | PNP | 15V V(BR)CEO | 100MA I(C) | TO-5 TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 100MA I(C) | TO-5 Silicon Transistors
|
Semitronics
|
SB01W05S SB01W05S-E |
50V/ 100mA Rectifier 50V, 100mA Rectifier Silicon Diode DIODE SCHOTTKY 50V 0.1A 3SPA
|
SANYO[Sanyo Semicon Device] N/A Sanyo Semiconductor
|
NE85618 NE85619 |
TRANSISTOR,BJT,NPN,12V V(BR)CEO,100MA I(C),SOT-343R TRANSISTOR,BJT,NPN,12V V(BR)CEO,100MA I(C),SOT-23VAR From old datasheet system
|
NEC Electron Devices
|
SB01-15CP SB01-15SP |
150V, 100mA Rectifier Shottky Barrier Diode Shottky barrier diode, 150V/100mA rectifier Schottky Barrier Diode 150V/ 100mA Rectifier
|
Sanyo Semicon Device Sanyo Semiconductor
|
CS-8151 |
5V 100MA Low Dropout Linear Regulator with Watchdog Reset & Wake uP 5V 100MA Low Dropout Linear Regulator with Watchdog Reset & Wake uP 5V00mA的低压差线性稳压器,带有看门狗复位
|
TURCK, Inc.
|
2SC4630LS |
NPN Triple Diffused Planar Silicon Transistor 900V / 100mA High-Voltage Amplifier, High-Voltage Switching Applications 900V/100mA High-Voltage Amplifier,High-Voltage Switching Applications
|
Sanyo Semicon Device
|
CS5112 CS5112EDWF24 CS5112EDWFR24 |
1.4A Switching Regulator with 5V, 100mA Linear Regulator with Watchdog, RESET and ENABLE 1.4A的开关稳压器采用5V100mA的线性稳压器,带有看门狗,复位和启用 1.4A Switching Regulator with 5V/ 100mA Linear Regulator with Watchdog/ RESET and ENABLE
|
ZF Electronics, Corp. CHERRY[Cherry Semiconductor Corporation]
|
FC806 |
50V/ 100mA Rectifier 50V, 100mA Rectifier
|
SANYO[Sanyo Semicon Device]
|
HT7544-1 HT7533-1 HT7536-1 HT7530-1 HT7533 HT7550- |
100mA Voltage Regulator
|
Holtek Semiconductor Inc
|